PART |
Description |
Maker |
MUR1660CT MUR1640CT MUR1630CT |
16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts 16 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Micro Commercial Components, Corp. Micro Commercial Components Corp.
|
SL24T1G |
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections 300 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-236
|
ON Semiconductor
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
BAV102 BAV103 BAV100 BAV101 |
Ultrafast silicon rectifier diodes 0.2 A, 300 V, SILICON, SIGNAL DIODE, DO-213AA
|
SEMIKRON[Semikron International]
|
SDR955/61 SDR953/61 SDR954/61 |
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER 50 A, 400 V, SILICON, RECTIFIER DIODE, TO-61 50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER 50 A, 300 V, SILICON, RECTIFIER DIODE, TO-61
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
BYT230PI-300 |
30 A, 300 V, SILICON, RECTIFIER DIODE
|
ST Microelectronics
|
TC1313-BL0EMF TC1313-BL2EUN TC1313-BL0EMFTR TC1313 |
500 mA Synchronous Buck Regulator, 300 mA LDO 500毫安同步降压稳压器,300 mA的LDO
|
Microchip Technology Inc. Microchip Technology, Inc.
|
HFM304-W |
3 A, 300 V, SILICON, RECTIFIER DIODE, DO-214AB
|
RECTRON LTD
|
SRF-1016 |
65 - 300 MHz silicon germanium IF receiver.
|
Stanford Microdevices
|
|